Part Number Hot Search : 
770212 SBP1545 101MC LT1112 3N50C 60R10N Q68000 BH141
Product Description
Full Text Search
 

To Download 2N5632 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
www..com
Product Specification
Silicon NPN Power Transistors
2N5632 2N5633 2N5634
DESCRIPTION *With TO-3 package *Low collector saturation voltage *High DC current gain APPLICATIONS *For general-purpose power amplifier and switching applications
PINNING PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL PARAMETER 2N5632 VCBO Collector-base voltage 2N5633 2N5634 2N5632 VCEO Collector-emitter voltage 2N5633 2N5634 VEBO IC PD Tj Tstg Emitter-base voltage Collector current Total Power Dissipation Junction temperature Storage temperature TC=25 Open collector Open base Open emitter CONDITIONS VALUE 100 120 140 100 120 140 7 10 150 150 -65~200 V A W V V UNIT
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case VALUE 1.1 UNIT /W
SavantIC Semiconductor
www..com
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2N5632 VCEO(SUS) Collector-emitter sustaining voltage 2N5633 2N5634 VCEsat-1 VCEsat-2 VBEsat VBE Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter on voltage 2N5632 ICEO Collector cut-off current 2N5633 2N5634 ICEV IEBO Collector cut-off current Emitter cut-off current 2N5632 hFE DC current gain 2N5633 2N5634 fT Transition frequency IC=1A ; VCE=20V IC=5A ; VCE=5V IC=7A; IB=0.7A IC=10A ;IB=2A IC=10A ;IB=2A IC=5A ; VCE=5V VCE=50V; IB=0 VCE=60V; IB=0 VCE=70V; IB=0 IC=0.2A ;IB=0 SYMBOL
2N5632 2N5633 2N5634
CONDITIONS
MIN 100 120 140
TYP.
MAX
UNIT
V
1.0 3.0 2.5 1.5
V V V V
1.0
mA
VCE=ratedVCB; VBE(off)=1.5V TC=150 VEB=7V; IC=0 25 20 15 1.0
1.0 5.0 1.0 100 80 60
mA mA
MHz
2
SavantIC Semiconductor
www..com
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2N5632 2N5633 2N5634
Fig.2 outline dimensions (unindicated tolerance:0.10mm)
3


▲Up To Search▲   

 
Price & Availability of 2N5632

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X